|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Liquid crystal displays 16 characters 2 lines transflective character module with LED backlight RCM7060M The RCM7060M is a transflective STN type liquid crystal module with a side-mounted yellow-green LED backlight, a built-in controller / driver LSI, and a display capacity of 16 characters 2 lines. FApplications Personal computers, word processors, facsimiles, telephones, etc. FFeatures 1) Wide viewing angle and high contrast. 2) 5 7 dot character matrix with cursor. 3) Interfaces with 4-bit or 8-bit MPUs. 4) Displays up to 226 characters and special symbols. 5) Custom character patterns are displayed with the character RAM. 6) Abundant instruction set including clear display, cursor on / off, and character blinking. 7) Compact and light weight for easy assembly to the host instrument. 8) Operable on single 5 V power supply. 9) Low power consumption. 10) Built-in extremely thin LED backlight with minimal power consumption. FExternal dimensions (Units: mm) 110 Liquid crystal displays FBlock diagram RCM7060M FPin assignments FPower supply example FAbsolute maximum ratings (Ta = 25_C) 111 Liquid crystal displays FElectrical characteristics (VDD = 5.0 V 0.25 V, Ta = 25_C) RCM7060M FOptical characteristics (Ta = 25_C, = 0_) 112 Liquid crystal displays FTiming chart (1) Writing RCM7060M (2) Reading 113 Liquid crystal displays RCM7060M FPin functions 114 Liquid crystal displays FInstructions RCM7060M 115 Liquid crystal displays FCharacter code and corresponding character pattern RCM7060M 116 Liquid crystal displays FReset function When you turn the power supply on using the internal reset circuit, the module automatically returns to its initial (reset) settings. At the initial settings, the following instructions are carried out. (1) Clear display The busy flag remains in the busy condition (BF = 1) until initialization is completed. This takes 15 ms. (2) Function set DL = 1: 8-bit interface data length N=1 F = 0: 5 7 dot matrix (3) Display on / off control D = 0: Display off C = 0: Cursor off B = 0: Blinking off (4) Entry mode set 1 / D = 1: +1 (increment) S = 0: No shift (5) Select DD RAM Depending on the power supply's rise and fall times when it is turned on, there may be times when the initialization cannot be completed. Therefore, be aware of the following timing relationship. RCM7060M tOFF regulates the power supply breaks, or on and off times. Note) When the above power supply conditions are not met, the internal reset circuit will not operate properly. 117 |
Price & Availability of RCM7060M |